Part Number Hot Search : 
3844A 25ETT SD275N7 14113 BF503 BBY5702 ML63512 AQV258AX
Product Description
Full Text Search
 

To Download VHB25-12S07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHB25-12S
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI VHB25-12S is Designed for Class C, 12.5 V High Band Applications up to 175 MHz.
PACKAGE STYLE .380 4L STUD
.112x45 A
FEATURES:
* Common Emitter * PG = 10 dB at 25 W/175 MHz * OmnigoldTM Metalization System
B
C E
OC
E B
H I J
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 4.0 A 36 V 18 V 4.0 V 65 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 3.5 C/W
DIM A B C D E F G H I J
D
#8-32 UNC-2A F E
G
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84
.385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10715
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE COB PG C IC = 50 mA IC = 15 mA IE = 5.0 mA VCB = 28 V VCE = 5.0 V
TC = 25 C
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
18 36 4.0 5.0
UNITS
V V V mA --pF dB %
IC = 250 mA f = 1.0 MHz POUT = 25 W f = 175 MHz
20
--110
VCB = 12.5 V VCE = 12.5 V
10 60
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. C
1/2
ERROR! REFERENCE SOURCE NOT FOUND. VHB25-12S
IMPEDANCE DATA
POUT = 25 W VCE = 12.5 V FREQ ZIN () 135 MHz 0.9 - J0.5 150 MHz 0.9 + J0.3 175 MHz 1.0 + J0.4
ZCL () 2.2 + J0.8 2.1 + J0.9 1.8 + J1.1
.112x45
A
B
OC
D
H
I J
#8-32 UNC-2A F E
G
DIM A B C D E F G H I J
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84
.385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. C
2/2


▲Up To Search▲   

 
Price & Availability of VHB25-12S07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X